Part Number Hot Search : 
DE1108 A0512 SMCJ24 MB16M KA22130 32018 MAX5237 0BGXC
Product Description
Full Text Search
 

To Download BSS214N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSS214N
OptiMOSTM2 Small-Signal-Transistor
Features * N-channel * Enhancement mode * Super Logic level (2.5V rated) * Avalanche rated * Qualified according to AEC Q101 * 100% lead-free; RoHS compliant
Product Summary V DS R DS(on),max V GS=4.5 V V GS=2.5 V ID 20 140 250 1.5 A V m
PG-SOT23
3
1 2
Type BSS214N
Package PG-SOT23
Tape and Reel Information L6327: 3000 pcs/ reel
Marking SVs
Lead Free Yes
Packing Non dry
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T A=25 C T A=70 C Pulsed drain current Avalanche energy, single pulse I D,pulse E AS T A=25 C I D=1.5 A, R GS=25 I D=1.5 A, V DS=16 V, di /dt =200 A/s, T j,max=150 C Value 1.5 1.2 6 3.7 mJ Unit A
Reverse diode dv /dt
dv /dt
6
kV/s
Gate source voltage Power dissipation Operating and storage temperature ESD Class Soldering Temperature IEC climatic category; DIN IEC 68-1
V GS P tot T j, T stg JESD22-A114 -HBM T A=25 C
12 0.5 -55 ... 150 0 (<250V) 260 C 55/150/56
V W C
Rev 2.2
page 1
2010-03-25
BSS214N
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - ambient R thJA
1)
Values typ. max.
Unit
minimal footprint
-
-
250
K/W
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS= 0 V, I D= 250 A V GS(th) I DSS V DS=VGS, I D=3.7 A V DS=20 V, V GS=0 V, T j=25 C V DS=20 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=12 V, V DS=0 V V GS=2.5 V, I D=0.7 A V GS=4.5 V, I D=1.5 A Transconductance g fs |V DS|>2|I D|R DS(on)max, I D=1.2 A 20 0.7 0.95 1.2 A V
Drain-source leakage current
-
-
1
-
175 106 4
100 100 250 140 S nA m
Performed on 40mm2 FR4 PCB. The traces are 1mm wide, 70m thick and 20mm long; they are present on both sides of the PCB.
1)
Rev 2.2
page 2
2010-03-25
BSS214N
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge IS I S,pulse V SD t rr Q rr T A=25 C V GS=0 V, I F=1.5 A, T j=25 C V R=10 V, I F=1.5 A, di F/dt =100 A/s 0.8 8.4 1.7 0.5 6 1.1 V ns nC A Q gs Q gd Qg V plateau V DD=10 V, I D=1.5 A, V GS=0 to 5 V 0.24 0.2 0.8 2.2 V nC C iss C oss Crss t d(on) tr t d(off) tf V DD=10 V, V GS=4.5 V, I D=1.5 A, R G=6 V GS=0 V, V DS=10 V, f =1 MHz 107 46 6 4.1 7.8 6.8 1.4 143 62 ns pF Values typ. max. Unit
Rev 2.2
page 3
2010-03-25
BSS214N
1 Power dissipation P tot=f(T A) 2 Drain current I D=f(T A); V GS4.5 V
0.5 1.5
0.375
P tot [W]
1 0.25
I D [A]
0.5 0 0 40 80 120 0 20 40 60 80 100 120 140
0.125
0
T A [C]
T A [C]
3 Safe operating area I D=f(V DS); T A=25 C; D =0 parameter: t p
101
1 s 10 s 1 ms 100 s
4 Max. transient thermal impedance Z thJA=f(t p) parameter: D =t p/T
103
0.5
100
10 ms
102
0.2 0.1
Z thJA [K/W]
I D [A]
0.05
10
-1
DC
10
1
0.02 0.01 single pulse
10-2
100
10-3 10
-2
10-1 10
-1
10
0
10
1
10
2
10-5
10-4
10-3
10-2
10-1
100
101
102
V DS [V]
t p [s]
Rev 2.2
page 4
2010-03-25
BSS214N
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
8
3.5 V 3V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
240
2.2 V
2.5 V
6
4.5 V
200
3V
R DS(on) [m]
160
3.5 V
I D [A]
4
120
4.5 V 6V
2.5 V
80 2
2.3 V
40
2V 1.8 V
0 0 1 2 3
0 0 1 2 3 4 5 6
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max
8 Typ. forward transconductance g fs=f(I D); T j=25 C
1.5
10
8
1 6
g fs [S]
4 0.5
150 C 25 C
I D [A]
2
0 0 1 2 3
0 0 2 4 6 8
V GS [V]
I D [A]
Rev 2.2
page 5
2010-03-25
BSS214N
9 Drain-source on-state resistance R DS(on)=f(T j); I D=1.5 A; V GS=4.5 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V DS=VGS; I D=3.7 A parameter: I D
240 1.6
200 1.2
98%
160
98%
R DS(on) [m]
V GS(th) [V]
typ
120
typ
0.8
2%
80 0.4 40
0 -60 -20 20 60 100 140
0 -60 -20 20 60 100 140
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz; Tj=25C
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
103
101
100
Ciss
102
Coss
C [pF]
I F [A]
10-1
150C, 98%
101
Crss
10-2
150 C 25 C 25C, 98%
100 0 5 10 15 20
10-3 0 0.4 0.8 1.2 1.6
V DS [V]
V SD [V]
Rev 2.2
page 6
2010-03-25
3 Safe operating area
BSS214N
13 Avalanche characteristics I AS=f(tAV); RGS=25 W parameter: Tj(start)
101
14 Typ. gate charge V GS = f(Qgate); ID=6A pulsed parameter: VDD
6
5
4V 10 V
16 V
4
100
100 C
V GS [V]
103
I AV [A]
25 C
3
2
125 C
1
10-1 100 101 102
0 0 0.5 1
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage VBR(DSS)=f(Tj); ID=250 A
16 Gate charge waveforms
25
V GS
24 23 22
Qg
V BR(DSS) [V]
21 20 19 18 17 16 -60 -20 20 60 100 140 180
V g s(th)
Q g(th) Q gs
Q sw Q gd
Q g ate
T j [C]
Rev 2.2
page 7
2010-03-25
BSS214N
SOT23
Package Outline:
Footprint:
Packaging:
Dimensions in mm Rev 2.2 page 8 2010-03-25
BSS214N
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please
contact the nearest Infineon Technologies Office (www.infineon.com).
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev 2.2
page 9
2010-03-25


▲Up To Search▲   

 
Price & Availability of BSS214N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X